Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download L-469SURKMGKW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1(3mm) BI-COLOR INDICATOR LAMPS
L-469EGW HIGH EFFICIENCY RED / GREEN L-469GYW GREEN / YELLOW L-469SRSGW-CC SUPER BRIGHT RED / SUPER BRIGHT GREEN L-469SURKMGKW HYPER RED / MEGA GREEN
Features
!TWO
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Green and Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode. The Hyper Red and Mega Green source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
CHIPS IN SERIES CONNECTION.
!I.C. COMPATIBLE. !RELIABLE AND RUGGED. !LONG LIFE - SOLID STATE RELIABILITY.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: KDA0317 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/17/2001 DRAWN: J.X.FU
PAGE: 1 OF 5
Selection Guide
Par t No . Di c e HIGH EFFICIENCY RED (GaAsP/GaP) GREEN (GaP) GREEN (GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT GREEN (GaP) HYPER RED (InGaAlP) MEGA GREEN (InGaAiP) L en s Ty p e 5 5 5 3 40 8 70 10 Iv (mc d ) @ 20 mA Min . L-469EGW WHITE DIFFUSED Ty p . 15 10 10 8 60 15 170 30 View in g An g l e 21/2 100
L-469GYW
WHITE DIFFUSED
100
L-469SRSGW-CC L-469SURKMGKW
WHITE DIFFUSED WHITE DIFFUSED
100 100
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par ameter Dev ic e High Efficiency Red Green Yellow Super Bright Red Super Bright Green Hyper Red Mega Green High Efficiency Red Green Yellow Super Bright Red Super Bright Green Hyper Red Mega Green Ty p . 627 565 590 660 565 640 574 625 568 588 640 568 630 570 45 30 35 20 30 28 20 15 15 20 45 15 35 15 2.0 2.2 2.1 1.85 2.2 1.95 2.1 2.5 2.5 2.5 2.5 2.5 2.5 2.5 10 Max . Un i t s Tes t Co n d itio n s
peak
Peak Wavelength
nm
IF=20mA
D
Dominate Wavelength
nm
IF=20mA
1/2
High Efficiency Red Green Yellow Spectral Line Halfwidth Super Bright Red Super Bright Green Hyper Red Mega Green High Efficiency Red Green Yellow Super Bright Red Super Bright Green Hyper Red Mega Green High Efficiency Red Green Yellow Super Bright Red Super Bright Green Hyper Red Mega Green All
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
VR = 5V
SPEC NO: KDA0317 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/17/2001 DRAWN: J.X.FU
PAGE: 2 OF 5
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 4mm below package base.
Hi g h Effic ien c y Red 105 30 160 5
Gr een 105 25 140 5
Yello w 105 30 140 5
Su p er B r ig h t Red 100 30 155 5
Su p er B r ig h t Gr een 105 25 140 5
Hy p er Red 170 30 185 5
Meg a Gr een 105 30 205 5
Un i t s mW mA mA V
-40C To +85C 260C For 5 Seconds
High Efficiency Red / Green L-469EGW
SPEC NO: KDA0317 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/17/2001 DRAWN: J.X.FU
PAGE: 3 OF 5
Green / Yellow L-469GYW
Super Bright Red / Super Bright Green L-469SRSGW-CC
SPEC NO: KDA0317 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/17/2001 DRAWN: J.X.FU
PAGE: 4 OF 5
Hyper Red / Mega Green L-469SURKMGKW
SPEC NO: KDA0317 APPROVED: J.LU
REV NO: V.1 CHECKED:
DATE: SEP/17/2001 DRAWN: J.X.FU
PAGE: 5 OF 5


▲Up To Search▲   

 
Price & Availability of L-469SURKMGKW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X